PART |
Description |
Maker |
8050AH P8749H P8748H 8039AHL 8035AHL 8049AH 8040AH |
HMOS single-component 8-bit microcontroller, programmable ROM = 1K x 8, 64 x 8 data memory HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER HMO的单分量8位微控制 IGBT Modules up to 1200V Chopper; Package: PG-TQFP-100; Max Clock Frequency: 20.0 MHz; SRAM (incl. Cache): 6.0 KByte; CAN Nodes: 0; A / D input lines Hmos Single-Component 8 Bit Microcontroller
|
Intel, Corp. Intel Corp. INTEL[Intel Corporation] http://
|
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IDT71V428YS10YYYG IDT71V428YS10YYYGI IDT71V428S10Y |
3.3V CMOS Static RAM 4 Meg (1M x 4-Bit) 3.3V 1M x 4 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
TC55257DFI-70L TC55257DFI-85L TC55257DFTI-70L TC55 |
32,768 WORD x 8 BIT STATIC RAM 32,768字8位静态RAM 32K Word x 8 Static RAM(32Kx 8 静RAM) 32K的字× 8静态RAM2K的字× 8静态RAM)的
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
TC551001CFI-70 TC551001CFI-70L TC551001CFI-85 TC55 |
131,072 WORD x 8 BIT STATIC RAM 131072字8位静态RAM 131072 WORD x 8 BIT STATIC RAM
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
IDT71V416S10PHG IDT71V416S10PHGI IDT71V416S12PHG I |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PBGA48 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
UPD4265800LE-A80 UPD4264800LE-A80 UPD4265800LE-A70 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 64K x 16 Static RAM 1K x 8 Dual-Port Static RAM 1-Mbit (64K x 16) Static RAM x8快速页面模式的DRAM
|
STMicroelectronics N.V.
|
IC62VV12816LL IC62VV12816L IC62VV12816L-70B IC62VV |
ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM 70ns; 1.8V; 128K x 16 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
CAT34WC02W-TE13 CAT34WC02Y-TE13 CAT34WC02Y-1.8TE13 |
MoBL® 2-Mbit (256K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM MoBL2 4-Mb (256K x 16) Static RAM MoBL® 4-Mbit (256K x 16) Static RAM 5V, 3.3V, ISR High-Performance CPLDs Licorice Board (CY22150 Candy Board) EEPROM MoBL® 4-Mbit (512K x 8) Static RAM EEPROM MoBL2™ 4-Mb (256K x 16) Static RAM EEPROM MoBL® 2-Mbit (128K x 16) Static RAM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Bourns, Inc. 3M Company
|